PART |
Description |
Maker |
ST7FLITE-SK/RAIS ST7PLITE02F0U6TR ST7PLITES5Y0M6 S |
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 8-BIT, MROM, 16 MHz, MICROCONTROLLER, QCC20 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDSO16 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP16
|
STMicroelectronics
|
AT80C54X2ZZZ-3CSUL AT80C58X2ZZZ-3CSUL AT80C54X2ZZZ |
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PDIP40 GREEN, PLASTIC, DIP-40 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQCC44 GREEN, PLASTIC, LCC-44 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQFP44 GREEN, VQFP-44 8BIT AT87 CISC 32KB OTP 60MHZ 5V 44VQFP 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQFP44
|
ATMEL Corporation http:// Atmel, Corp.
|
MB89P155PFM-103 MB89P155PFM-102 MB89P155PFM-101 MB |
8-BIT, OTPROM, MICROCONTROLLER, PQFP80 Octal Buffers/Drivers With 3-State Outputs 20-CDIP -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.5F 5.5V SG TYPE GOLD HORZ 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 Quadruple 2-Input Exclusive-OR Gates 20-LCCC -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.0F 5.5V SG TYPE GOLD HORIZ
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
T83C5101ZZZ-ICUIL T83C5101ZZZ-ICUCV T83C5102ZZZ-IC |
8-BIT, MROM, 40 MHz, MICROCONTROLLER, PDSO24 SSOP-24 8-BIT, MROM, 66 MHz, MICROCONTROLLER, PDSO24 SSOP-24 8-BIT, MROM, 66 MHz, MICROCONTROLLER, PDIP24 DIP-24 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PDSO24 SO-24 8-BIT, MROM, 66 MHz, MICROCONTROLLER, PDSO24 SO-24 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PDSO28 SO-28 8-BIT, MROM, 66 MHz, MICROCONTROLLER, PDSO28 SO-28
|
Atmel, Corp.
|
ST72321BAR9-AUTO ST72F321BAR9TARE ST72F321BAR9TCRE |
8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP64 14 X 14 MM, LQFP-64 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP64 10 X 10 MM, LQFP-64 8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
|
ST Microelectronics STMicroelectronics
|
W78C58-33 W78C801F-40 W78C801P-40 W78C58P-33 W78C8 |
8-BIT MICROCONTROLLER 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT MICROCONTROLLER 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT MICROCONTROLLER 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQCC44
|
Winbond Electronics Corp Winbond Electronics, Corp.
|
LC866008A LC866012A LC866016A LC866020A LC866016AD |
8-BIT, MROM, MICROCONTROLLER, PDIP64 CMOS LSI 8-Bit Single Chip Microcomputer From old datasheet system 8-BIT, MROM, 12.24 MHz, MICROCONTROLLER, PDIP64
|
SANYO[Sanyo Semicon Device]
|
UPD703208YGC-XXX-8BT UPD703208GK-XXX-9EU-A UPD7032 |
32-BIT, MROM, 20 MHz, MICROCONTROLLER, PQFP80 14 X 14 MM, PLASTIC, QFP-80 32-BIT, MROM, 20 MHz, MICROCONTROLLER, PQFP80 LEAD FREE, 12 X 12 MM, PLASTIC, TQFP-80 32-BIT, MROM, 20 MHz, MICROCONTROLLER, PQFP80 12 X 12 MM, PLASTIC, TQFP-80
|
Vishay Intertechnology, Inc. NEC, Corp.
|
AP80C154U-25 MJ80C154U-S AF83C154UFXXX-36 AF83C154 |
8-BIT, 25 MHz, MICROCONTROLLER, PDIP40 8-BIT, 20 MHz, MICROCONTROLLER, CQCC44 8-BIT, MROM, 36 MHz, MICROCONTROLLER, PQFP44 8-BIT, MROM, 20 MHz, MICROCONTROLLER, PQFP44 8-BIT, MROM, 25 MHz, MICROCONTROLLER, PQFP44
|
Atmel, Corp.
|
MC68HCP11A1MFN2 MC68HCP11A1CP3 MC68HCP11A1CFN3 |
8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQCC52 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PDIP48 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQCC52
|
FREESCALE SEMICONDUCTOR INC
|
MB89636R MB89636RP-SH MB89636RPF MB89636RPFM MB896 |
Scan Path Linkers With 4-Bit Identification Buses 28-CDIP -55 to 125 8位微控制器专 Quadruple 2-Input Exclusive-OR Gates 14-CFP -55 to 125 8-BIT, MROM, 10 MHz, MICROCONTROLLER, PDIP64 8-bit Proprietary Microcontroller 8-BIT, MROM, 10 MHz, MICROCONTROLLER, PDIP64 Scan Path Linkers With 4-Bit Identification Buses 28-LCCC -55 to 125
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
|